Part Number Hot Search : 
M82C51 01120 SG7805AT 8205A BPC3506 AN1075 SC1486A TOP268
Product Description
Full Text Search
 

To Download LDQ2G271MERY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100v minimum order quantity : 50pcs. item performance characteristics dm aluminum electrolytic capacitors dq series horizontal mounting type, wide temperature range horizontal mounting version for 20 , 22 and 25. suited for use in flat electronic devices where height space is limited. adapted to the rohs directive (2002/95/ec). dq specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low temperature endurance shelf life marking 40 ~ +105 c (200v) , 25~+105 c (400v) 200 400v 68 ~ 1200f 20% at 120hz, 20 c i ( a) (after 5 minutes' application of rated voltage) [ c : rated capacitance ( f ) v : voltage ( v ) ] capacitance change tan leakage current within 20% of initial value 200% or less of initial specified value initial specified value or less capacitance change tan leakage current within 15% of initial value 150% or less of initial specified value initial specified value or less after an application of dc voltage(in the range of rated dc voltage even after over-lapping the specified ripple current) for 2000 hours at 105 c, capacitors meet the characteristic requirements listed at right. printed with white color letter on black sleeve. frequency coefficient of rated ripple current other rating also available on request. rated ripple (arms) at 105 c, 120hz 2.0 l 2 1 0.6 3.5 1 d +1max. p d 2 l 1 q 3 2 4 d 5 4 6 7 7 1 8 m 9 e 10 r 11 z 12 g 13 a 14 d 20 22 y z 25 a 20 : p = 7.5 22, 25 : p = 8.5 sleeve ( p.e.t. ) pressure relief vent case dia.code configuration ha : right side from the front ga : left side from the front lead wire configurationt capacitance tolerance( 20%) rated capacitance(470 f) rated voltage(200v) series name type code ( ) 8.0 2 drawing type numbering system ( example : 200v 470f ) after storing the capacitors under no load at 105 c for 1000 hours, and after performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they will meet the requirements listed at right. coeff. frequency (hz) dimensions 200v 400v 50 0.81 0.77 60 0.85 0.82 120 1.00 1.00 300 1.17 1.16 1k 1.32 1.30 10k 1.45 1.41 50k~ 1.50 1.43 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 20 30 20 35 20 40 20 45 20 50 1.10 1.20 1.31 1.45 1.58 22 35 22 40 22 45 22 60 1.45 1.60 1.78 2.04 25 35 25 40 25 45 25 50 25 60 1.60 1.78 2.04 2.30 2.65 20 30 20 30 20 35 20 40 20 45 20 50 0.56 0.64 0.70 0.75 0.83 0.95 22 35 22 40 22 45 22 50 22 60 0.75 0.88 0.95 1.10 1.22 25 35 25 40 25 45 25 50 case size d l (mm) 0.95 1.10 1.22 1.44 rated ripple 200v (2d) 20 22 25 20 22 25 400v (2g) v(code) d code cap.(f) rated voltage (v) tan (max.) 200 0.15 400 0.15 measurement frequency : 120hz, temperature : 20 c 200 3 12 400 8 measurement frequency : 120hz z 25 c/ z+20 c z 40 c/ z+20 c rated voltage (v) impedance ratio zt/z20(max.) high temperature 3 cv


▲Up To Search▲   

 
Price & Availability of LDQ2G271MERY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X